|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION SHEET JFW MODEL 50BR-105 BENCH TOP ROTARY ATTENUATOR JFW Industries, Inc. Phone: 317-887-1340 sales@jfwindustries.com www.jfwindustries.com Frequency Range Impedance Attenuation Range VSWR DC-8 GHz 50 Ohms nominal 0-69 dB in 1 dB steps 1.6:1 maximum 1.9:1 maximum DC-4 GHz 4-8 GHz Attenuation Accuracy (1 dB steps) 0.3 dB DC-4 GHz 0.5 dB 4-8 GHz (10 dB steps) 0.5 dB or 2% 1.0 dB or 3% DC-4 GHz 4-8 GHz Insertion Loss RF Input Power 1.8 dB maximum 2 Watts average @ 25C Derate to 1 Watt average @ 50C 200 Watts peak (1 microsecond pulse) Attenuation increases in a Clockwise direction (1 dB steps) 36 degrees with no stop between minimum and maximum settings (10 dB steps) 36 degrees with stop between minimum and maximum settings Direction of Rotation Indexing RF Connector Operating Temperature Range Physical Size SMA female 0C to +50C See outline drawing 092-5899 ECR/ECN # DATE 09/16/2008 REV APPR / DATE TRS 09/16/2008 ECR/ECN # DATE REV APPR / DATE Page 1 of 1 JFW FORM E-7-F REV F |
Price & Availability of 50BR-105 |